Part Number Hot Search : 
TA0426A 45020 61000 45020 PE966 BTA16 C3220 1N758A
Product Description
Full Text Search
 

To Download CTA11ACP2412 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CTA1
FEATURES: * Switching capacity up to 25A * Small size and light weight * PCB pin and quick connect mounting available * Suitable for automobile and lamp accessories * QS-9000, ISO-9002 Certified Manufacturing
22.8 x 15.3 x 25.8 mm
CONTACT DATA
Contact Arrangement Contact Rating Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current 1A = SPST N.O. 1C = SPDT 1A: 25A @ 14VDC 1C: 20A @ 14VDC < 50 milliohms initial AgSnO2 350W 75VDC 25A
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Rated
Max.
6 12 24 48
7.8 15.6 31.2 62.4
1.2W 30 120 480 1920
1.5W 24 96 384 1536
4.2 8.4 16.8 33.6
0.6 1.2 2.4 4.8
1.2 or 1.5
10
7
CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 2500V rms min. @ sea level 1500V rms min. @ sea level 100m/s2 for 11ms 1.27mm double amplitude 10-40Hz 8N (Quick Connect), 4N (PCB Pins) -40 C to + 85 C -40 C to + 155 C 230 C 2 C for 10 0.5s 18.5g Tel: 630-682-1542 Fax: 630-682-1562
Distributor: Electro-Stock www.electrostock.com
CTA1
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 S Q 12 1.2 Fax: 630-682-1562
ORDERING INFORMATION
1. Series: CTA1 2.Contact Arrangement: 1A=SPST N.O. 1C=SPDT 3. Sealing Options: S = Sealed C = Dust Cover 4. Termination: P = PCB Pins Q = Quick Connect 5. Coil Voltage: 6VDC 12VDC 24VDC 48VDC 6. Coil Power: 1.2 = 1.2W 1.5 = 1.5W 7. Coil Suppression: Blank = Standard D = Diode (1N4005) R = Resistor (680 Ohms) ** Consult factory if other values are needed.
CTA1
1A
DIMENSIONS (Units = mm)
PC PIN DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUT (BOTTOM VIEWS)
1A
1C


▲Up To Search▲   

 
Price & Availability of CTA11ACP2412

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X